PART |
Description |
Maker |
M500460R1DK M500460R1DK-R M500420R1DK M500420R1DK- |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPVCXO
|
MTRONPTI[MTRONPTI]
|
M500470R1LK M500470T1LK-R M500460T1LK M500470R2PK- |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPVCXO 9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米的FR - 45.0伏,路CMOS / TTL / PECL LVDS的,HPVCXO 9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米的FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPVCXO
|
MtronPTI
|
M500320R2LK M500320R1PK-R M500370R1LK-R M500370R1P |
9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米的FR - 43.3伏,路CMOS / TTL / PECL LVDS的,HPVCXO 9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米的FR - 4.3伏,路CMOS / TTL / PECL LVDS的,HPVCXO
|
MtronPTI
|
M8R51FAJ M8R51FAJ-R M8R21FAJ M8R21FAJ-R M8R11FAJ M |
9x16 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
|
MTRONPTI[MTRONPTI]
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
AT29BV040A AT29BV040A-20TC AT29BV040A-20TI AT29BV0 |
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 4M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
ATMEL[ATMEL Corporation]
|
IDT72V3611 72V3611_DS_7054 IDT72V3611L20PQF IDT72V |
3.3 VOLT CMOS SyncFIFO 64 x 36 From old datasheet system 3.3 VOLT CMOS SyncFIFO?
|
IDT[Integrated Device Technology]
|
AM28F020A AM28F020A-120FCB AM28F020A-150FCB AM28F0 |
RES 562-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 70 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 150 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
A29040 A29040-120 A29040-150 A29040-55 A29040-70 A |
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 128K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory
|
AMICC[AMIC Technology]
|
|